PART |
Description |
Maker |
FBA04HA900BB-00 |
Leaded Ferrite Bead Inductors
|
Taiyo Yuden (U.S.A.), I...
|
FBA03HA450BB-00 |
Leaded Ferrite Bead Inductors
|
Taiyo Yuden (U.S.A.), I...
|
4211-12 4211-13 4211-18 4211-2 4211-21 4211-23 421 |
Axial Leaded Filter Bead 1 FUNCTIONS, FERRITE BEAD
|
API Delevan
|
S78L05F S78LXXF S78L06F S78L08F S78L09F S78L10F S7 |
Ferrite Bead; Series:LF BK; Resistance:0.2ohm; Package/Case:0603; Features:HM; Ferrite Grade:HM; Frequency:100MHz; Frequency Max:300MHz; Impedance:120ohm; Impedance Tolerance: /- 25 Percent; Leaded Process Compatible:Yes RoHS Compliant: Yes 正电压稳压器 Positive-Voltage Regulators
|
AUK, Corp. AUK[AUK corp]
|
BLM21P221SGPT BLM21P221SGPB BLM41P600SPT BLM11P300 |
FERRITE, CHIP TYPE, 0.35 OHM RESISTANCE, 220 OHM IMPEDANCE @ 100MHZ, SMT 0805 1 FUNCTIONS, 2 A, FERRITE CHIP FLT, S/M, 0805, 2000MA, FERRITE BD 1 FUNCTIONS, 2 A, FERRITE CHIP COIL, BEAD FERRITE 060 OHMS @ 100MHZ SM, 1806 1 FUNCTIONS, 6 A, FERRITE CHIP 1 FUNCTIONS, 1 A, FERRITE CHIP 1 FUNCTIONS, 3 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
BD3/1/4-4S2 BD5.1/0.8/4-3S1 BD8/3/4-4S2 BD8/3/10-4 |
Suppression Bead 1 FUNCTIONS, FERRITE BEAD
|
Yageo, Corp. YAGEO CORP
|
L0806C100MDWST L0806CR10MDWST L0806C10NMDWST L0806 |
Surface Mount Ferrite Products Surface Mount Ferrite Products Inductors & Ferrite Beads Wire Wound Chip Inductors - L-PWS/L-PWF/L-PWI/L-PWR Series
|
Kemet Corporation
|
ILBB0603-RK300V ILBB0603RK300V ILBB-0603 |
Multilayer Ferrite Bead Multilayer Ferrite Beads SWITCH DIP 8POS SIDE ACT LONG
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
1120-1R0M 1120-4R7M 1120-3R3M 1120-3R9M |
CHOKE RF RADIAL 1.0UH 20% 1 ELEMENT, 1 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF RADIAL 4.7UH 20% Leaded Choke; Series:1120; Inductance:3.3uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:11.4A; DC Resistance Max:0.005ohm; Leaded Process Compatible:No 1 ELEMENT, 3.9 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR
|
Bourns, Inc. BOURNS INC
|
1140-4R7M-RC 1140-101K-RC 1140-3R3M-RC 1140-681K-R |
RF Choke; Series:1140; Inductance:4.7uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:27A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:100uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:14.4A; DC Resistance Max:0.025ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:3.3uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:27A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:680uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:7.2A; DC Resistance Max:0.139ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:470uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:7.2A; DC Resistance Max:0.114ohm; Leaded Process Compatible:Yes; Body Material:Ferrite Very high current capacity Low DCR RF Choke; Series:1140; Inductance:82uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:14.4A; DC Resistance Max:0.023ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:2.2uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:27A; DC Resistance Max:0.002ohm; Leaded Process Compatible:Yes; Body Material:Ferrite
|
BOURNS INC Bourns Electronic Solutions
|
CM252016-R22ML CM201212-R22KL CM201212-R68KL CM322 |
MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.22 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.22 uH, POLYMER-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.68 uH, POLYMER-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - CHIP INDUCTOR 1 ELEMENT, 150 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - CHIP INDUCTOR 1 ELEMENT, 0.56 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.0056 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.018 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.0015 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 820 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductors .1uH 10% Wirewound 1 ELEMENT, 0.1 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductors 2.7uH 10% Wirewound 1 ELEMENT, 2.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductors .33uH 20% Wirewound 1 ELEMENT, 0.33 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.18 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.0018 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductors .033uH 10% Wirewound 1 ELEMENT, 0.033 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.0068 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.082 uH, POLYMER-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.18 uH, POLYMER-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductors 12uH 10% Wirewound 1 ELEMENT, 12 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductor; Inductor Type:Standard; Inductance:8.2uH; Inductance Tolerance: /- 10 %; Current Rating:0.27A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Inductor; Inductor Type:Standard; Inductance:150nH; Inductance Tolerance: /- 20 %; Current Rating:730A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Inductor; Inductor Type:Standard; Inductance:1.8uH; Inductance Tolerance: 10 %; Current Rating:0.39A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Inductor; Inductor Type:Standard; Inductance:1uH; Inductance Tolerance: /- 10 %; Current Rating:450A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Inductor; Inductor Type:Standard; Inductance:3.9uH; Inductance Tolerance: /- 10 %; Current Rating:0.33A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Inductor; Inductor Type:Standard; Inductance:330nH; Inductance Tolerance: 20 %; Current Rating:605A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Inductor; Inductor Type:Standard; Inductance:220nH; Inductance Tolerance: /- 20 %; Current Rating:665A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
|